PART |
Description |
Maker |
MAX680 MAX680C_D MAX680CPA MAX680CSA MAX680EPA MAX |
5V to 0V Voltage Converters Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 30 AMP MINIATURE POWER RELAY 5V to 【10V Voltage Converters 5V to 10V Voltage Converters 5V to ±10V Voltage Converters
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maxim Integrated Produc...
|
MAX710 MAX710ESE MAX711 MAX711ESE 1742 MAX711C_D M |
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 3.3V/5V或可调、升/降压型DC-DC转换 3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 0.7 A SWITCHING REGULATOR, UUC16 3.3V/5V or Adjustable / Step-Up/Down DC-DC Converters From old datasheet system
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
AD9748 DAC8B10- DAC08 DAC_8B_10-100NS AD9708 AD970 |
Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table Analog Devices: Data Converters: DAC 8-Bit 10 ns to 100 ns Converters Selection Table 8-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
|
Analog Devices, Inc. AD[Analog Devices]
|
SXN15-48S05J SXN15-48S1V8J SXN15-48S2VJ SXN15-48S3 |
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
|
Emerson Network Power
|
MAX856-MAX859 MAX859CSA MAX859CUA MAX859ESA MAX859 |
3-Line To 8-Line Decoders/Demultiplexers 16-CDIP -55 to 125 3.3V/5V or Adjustable-Output / Step-Up DC-DC Converters 8-Line To 3-Line Priority Encoders 16-CFP -55 to 125 3.3V/5V or Adjustable-Output Step-Up DC-DC Converters 3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IRF7822PBF IRF7822TRPBF |
N-Channel Application-Specific MOSFETs HEXFET㈢ Power MOSFET for DC-DC Converters HEXFET? Power MOSFET for DC-DC Converters
|
International Rectifier
|
IRF7807APBF IRF7807PBF IRF7807TRPBF |
N Channel Application Specific MOSFETs HEXFET㈢ Chip-Set for DC-DC Converters HEXFET? Chip-Set for DC-DC Converters
|
International Rectifier
|
SP774BJ SP1674BJ |
12–Bit Sampling A/D Converters 12鈥揃it Sampling A/D Converters
|
SIPEX
|
HD74HC4520 HD74HC4518 |
Dual BCD Use Converters/Dual Binary Up Converters
|
HITACHI[Hitachi Semiconductor]
|
TSC-1D4815N TSC-3QD4815N TSC-1S2405N TSC-1S2412N T |
DC/DC CONVERTERS DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
|
Tumbler Technologies TRUM... http:// Tumbler Technologies TRUMPower Tumbler Technologies ...
|
TC1219 TC1219ECH TC1220ECH TC1220 TC1219ECHTR TC12 |
The TC1219/1220 are CMOS "charge-pump" voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input ... The TC1219/1220 are CMOS "charge-pump" voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input voltage which can range from 2.5V to 5.5V. Conversion efficiency is typically >95%. Switching frequenc (TC1220) Switched Capacitor Voltage Converters with Shutdown in SOT Packages (TC1219) Switched Capacitor Voltage Converters with Shutdown in SOT Packages Switched Capacitor Voltage Converters with Shutdown in SOT Packages 开关电容电压转换器与关机采用SOT封装
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|